PART |
Description |
Maker |
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HUF76432P3 FN4673 HUF76432S3S HUF76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直|6A条(丁)|63AB Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 59 A, 60 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
STQ2NF06L-AP STQ2NF06L |
N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET II POWER MOSFET N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.1 OHM - 2A TO-92 STRIPFET II POWER MOSFET 2000 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
STMicroelectronics ST Microelectronics
|
IRFM044 |
60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 60V, N-CHANNEL
|
International Rectifier
|
IRF9Z14STRL IRF9Z14L IRF9Z14STRR |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-262 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 6.7AI(四)|63AB
|
Sumida, Corp.
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|
IRFP044 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
|
International Rectifier Power MOSFET
|